Part Number Hot Search : 
03K00 1N6012B ZS210 A2475B A2475B 25L80 1BFXXX E13003
Product Description
Full Text Search
 

To Download MASW-008330-TR3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
Features
* * * * * * * * Low Voltage Operation: 2.5V Low Insertion Loss: 0.3 dB at 1 GHz 0.5 micron GaAs PHEMT Process Lead-Free 2 mm 8-Lead PDFN Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant version of MASWSS0028
MASW-008330 V1
Functional Schematic
Description
M/A-COM's MASW-008330 is a GaAs PHEMT MMIC single pole three throw (SP3T) switch in a lead-free 2 mm 8-lead PDFN package. The MASW008330 is ideally suited for applications where low control voltage, low insertion loss, high isolation, small size and low cost are required. Typical applications are for filter and antenna switching in handset systems that connect separate receive functions to a common antenna, as well as other related handset and general purpose applications. This part can be used in all systems operating up to 3 GHz requiring low control voltage. The MASW-008330 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
Pin Configuration
Pin No.
1 2 3 4 5 6 7 8
Function
RFC GND V1 RF1 RF2 V2 V3 RF3
Description
RF In/Out RF Ground Control 1 RF In/Out RF In/Out Control 2 Control 3 RF In/Out
Ordering Information1
Part Number
MASW-008330-TR3000 MASW-008330-000SMB
Absolute Maximum Ratings 3,4
Parameter Package
3000 piece reel Sample Test Board (Includes 5 samples) Max Input Power (0.5 - 3 GHz, 2.5V Control) Voltage Operating Temperature Storage Temperature
Absolute Maximum
+32 dBm 8.5 volts -40C to +85C -65C to +150C
1. Reference Application Note M513 for reel size information.
Truth Table 2
V1
0 1 0
V2
1 0 0
V3 0 0 1
RFC RF1 On Off Off
RFC RF2 Off On Off
RFC RF3 Off Off On
3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits.
2. 0 = 0 V 0.2 V, 1 = +2.5 V to +5 V. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
Electrical Specifications: TA = 25C, VC = 0 V / 2.5 V, Z0 = 50 5
Parameter
Insertion Loss 6
MASW-008330 V1
Test Conditions
DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 2.5 GHz 2.5 - 3 GHz Two Tone, +0 dBm/tone, 1 MHz Spacing, > 50 MHz -- 10% to 90% RF, 90% to 10% RF 50% control to 90% RF and 50% control to 10% RF In Band |VC| = 2.5V
Units
dB dB dB dB dB dB dB dB dBm dBm nS nS mV A
Min.
-- -- -- 19 13 10 -- -- -- -- -- -- -- --
Typ.
0.3 0.5 0.75 24 18 14 25 20 50 21 13 15 30 1
Max.
0.4 0.6 1.0 -- -- -- -- -- -- -- -- -- -- 10
Isolation
Return Loss IP3 P1dB Trise, Tfall Ton, Toff Transients Control Current
5. External DC blocking capacitors are required on all RF ports. 6. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 100 pF for 100 - 500 MHz, 39 pF for 0.5 - 3 GHz.
Lead Free 2 mm 8-lead PDFN
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
Typical Performance Curves vs. Frequency and Temperature
Isolation
30
MASW-008330 V1
Insertion Loss
1.0
Insertion Loss +25C Insertion Loss +85C Insertion Loss -40C
25
0.8
20 0.6 15 0.4 10
Isolation +85C Isolation +25C Isolation -40C
5
0.2
0 0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Return Loss
45
Return Loss +85C Return Loss +25C Return Loss -40C
Qualification
Qualified to M/A-COM specification REL-201, Process Flow -2.
40
Handling Procedures
35 30
Please observe the following precautions to avoid damage:
25
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
20
15 0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASW-008330-TR3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X